Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C987JC Fiches technique(PDF) 4 Page - Advanced Micro Devices

No de pièce AM79C987JC
Description  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987JC Fiches technique(HTML) 4 Page - Advanced Micro Devices

  AM79C987JC Datasheet HTML 1Page - Advanced Micro Devices AM79C987JC Datasheet HTML 2Page - Advanced Micro Devices AM79C987JC Datasheet HTML 3Page - Advanced Micro Devices AM79C987JC Datasheet HTML 4Page - Advanced Micro Devices AM79C987JC Datasheet HTML 5Page - Advanced Micro Devices AM79C987JC Datasheet HTML 6Page - Advanced Micro Devices AM79C987JC Datasheet HTML 7Page - Advanced Micro Devices AM79C987JC Datasheet HTML 8Page - Advanced Micro Devices AM79C987JC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
Am79C987
PRELIMINARY
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (valid combination) is formed
by a combination of the elements below.
Valid Combinations
Valid combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
AM79C987
J
C
DEVICE NUMBER/DESCRIPTION
Am79C987
Hardware Implemented Management Information Base (HIMIB)
OPTIONAL PROCESSING
Blank = Standard Processing
B = Burn-In
OPERATING CONDITIONS
C = Commercial (0
°C to +70°C)
PACKAGE TYPE
J = 28-Pin Plastic Leaded Chip Carrier (PL 028)
SPEED
See Product Selector Guide and Valid Combination
Valid Combinations
AM79C987
JC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30