Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C987 Fiches technique(PDF) 20 Page - Advanced Micro Devices

No de pièce AM79C987
Description  Hardware Implemented Management Information Base (HIMIB) Device
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C987 Fiches technique(HTML) 20 Page - Advanced Micro Devices

Back Button AM79C987 Datasheet HTML 16Page - Advanced Micro Devices AM79C987 Datasheet HTML 17Page - Advanced Micro Devices AM79C987 Datasheet HTML 18Page - Advanced Micro Devices AM79C987 Datasheet HTML 19Page - Advanced Micro Devices AM79C987 Datasheet HTML 20Page - Advanced Micro Devices AM79C987 Datasheet HTML 21Page - Advanced Micro Devices AM79C987 Datasheet HTML 22Page - Advanced Micro Devices AM79C987 Datasheet HTML 23Page - Advanced Micro Devices AM79C987 Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
AMD
P R E L I M I N A R Y
20
Am79C987
SYSTEMS APPLICATIONS
Typical System Interface
The block diagram on this page shows a typical system
interface. A fully managed multiport repeater can be
easily built by interfacing the HIMIB chip with the IMR+
chip (Am79C981). The HIMIB device interfaces with all
common Microprocessor System Busses with a mini-
mum of external logic. Note that additional buffering of
DAT and JAM are required for most applications. For
more information, refer to the AMD IEEE 802.3 Re-
peater Technical Manual.
17306B-5
HIMIB
IMR+
CRS
STR
SI
SO
SCLK
CRS
STR
SI
SO
SCLK
REQ
DAT
JAM
ACK
COL
RST
CK
Address
Decode
CS
C/
D
Data
Buffer
RD
WR
RDY
Host
System
Bus
Expansion
Bus
D7–0
INT
X1
Figure 2. HIMIB Device Application Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30