Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT7697DIN Fiches technique(PDF) 40 Page - List of Unclassifed Manufacturers

No de pièce MT7697DIN
Description  Internet-of-Things Wireless Connectivity
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

MT7697DIN Fiches technique(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button MT7697DIN Datasheet HTML 36Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 37Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 38Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 39Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 40Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 41Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 42Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 43Page - List of Unclassifed Manufacturers MT7697DIN Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
MT7697D
Internet-of-Things Wireless Connectivity
© 2016 MediaTek Inc.
Page 40 of 84
This document contains information that is proprietary to MediaTek Inc. (“MediaTek”) and/or its licensor(s).
Any unauthorized use, reproduction or disclosure of this document in whole or in part is strictly prohibited.
Function-[9:1]-AON and Function-[9:0] can all be output to PINX by setting pinx_pinmux_aon_sel and
pinx_pinmux_off_sel, as shown in Figure 2-12 below. Function-[9:1]-AON signals are part of
TOP_AON domain and Function-[9:0] signals are part of TOP_OFF (N9) domain. The output of the
pad is enabled through E and G pad controls which require 2’b11 for digital output mode.
For a specific pin there could be only a limited number of functions available, these functions are
mapped anywhere to the different inputs of the muxes (not always in an incremental scheme).
TOP_AON domain means the circuit is always powered on when PMU supplies the power. TOP_OFF
(N9) domain means the N9 related circuit is powered off in some scenarios when PMU supplies the
power.
PU
PD
IO
E
G
O
AIO_ANALOG_DONT_TOUCH
Logic 1
->Switch on
0
1
pinx_pinmux_aon_sel
pinx_pinmux_off_sel
Function 0 (O)
Function 1 AON (O)
PAD_PINX
Function 1 (O)
Function 2 (O)
Function 9 (O)
2
Function 2 AON (O)
0
1
2
9
I
PINX
1'b1
1'b1
TOP_OFF(N9) domain
TOP_AON domain
ISO
Function 9 AON (O)
9
Figure 2-12. AGPIO Configured as Output Multiplexing
Input Signal Multiplexing
Figure 2-13 below shows that PINX is the source of Function-AON-0, while PINX and PINY can both
be the input source for Function-1. The (E, G) setting for both IO is 2’b01 for digital input mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84