Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DWM1001-DEV Fiches technique(PDF) 12 Page - List of Unclassifed Manufacturers

No de pièce DWM1001-DEV
Description  DWM1001 Module Development
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

DWM1001-DEV Fiches technique(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button DWM1001-DEV Datasheet HTML 7Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 8Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 9Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 10Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 11Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 12Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 13Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 14Page - List of Unclassifed Manufacturers DWM1001-DEV Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
DWM1001 Module Development Board Datasheet
© Decawave Ltd 2017
Subject to change without notice
Version 1.3
Page 12
8
DEVELOPMENT BOARD SOLDER BRIDGE JUMPERS
The Module Development Board has eight solder bridge jumpers. These can be used to allow evaluation of
different aspects of the DWM1001 modules performance. For example Solder Bridge J4 can be desoldered and a
resistor placed across connector J2 to allow measurement of the modules current consumption. Table 4 gives a
list of these jumpers, their purpose and the state they are in when leaving the factory. Investigation of the
schematic of the Module Development board at the end of this document will give further details on their use.
Table 4: A list of solder jumpers available on the Module Development Board
Jumper Number
Purpose
Default State
J3
Desolder to disconnect user LEDs from the module
Closed
J5
Desolder to disconnect Tx and Rx LEDs from the module
Closed
J4
Desolder to measure module current in J2
Closed
J6
Desolder to disconnect Reset button from J-Link
Closed
J13
Solder to connect UART Rx between Module and Raspberry
Pi
Closed
J14
Desolder to disconnect module RXD from J-Link
Closed
J15
Desolder to disconnect module TXD from J-Link
Closed
J16
Desolder to disconnect power to J-Link
Closed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15