Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D17133CS Fiches technique(PDF) 21 Page - NEC

No de pièce D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

D17133CS Fiches technique(HTML) 21 Page - NEC

Back Button D17133CS Datasheet HTML 17Page - NEC D17133CS Datasheet HTML 18Page - NEC D17133CS Datasheet HTML 19Page - NEC D17133CS Datasheet HTML 20Page - NEC D17133CS Datasheet HTML 21Page - NEC D17133CS Datasheet HTML 22Page - NEC D17133CS Datasheet HTML 23Page - NEC D17133CS Datasheet HTML 24Page - NEC D17133CS Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 289 page
background image
CHAPTER 1
GENERAL
6
1.4 PIN CONFIGURATION (Top View)
(1) Normal operating mode
24-pin plastic shrink DIP
24-pin plastic SOP
Notes
1. There is no Vref pin for the
µPD17120 and 17121.
2. Pins Cin0 to Cin3 do not exist in the
µPD17120 and 17121.
GND
XIN
XOUT
RESET
P0A0
P0A1
P0A2
P0A3
P0B0
P0B1
P0B2
P0B3
VDD
P0E1/Vref
Note 1
P0E0
P0D3/ TMOUT
P0D2/SI
P0D1/SO
P0D0/SCK
INT
P0C3/Cin3
Note 2
P0C2/Cin2
Note 2
P0C1/Cin1
Note 2
P0C0/Cin0
Note 2
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More