Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC0806NS Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce DAC0806NS
Description  8-Bit D/A Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0806NS Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  DAC0806NS Datasheet HTML 1Page - National Semiconductor (TI) DAC0806NS Datasheet HTML 2Page - National Semiconductor (TI) DAC0806NS Datasheet HTML 3Page - National Semiconductor (TI) DAC0806NS Datasheet HTML 4Page - National Semiconductor (TI) DAC0806NS Datasheet HTML 5Page - National Semiconductor (TI) DAC0806NS Datasheet HTML 6Page - National Semiconductor (TI) DAC0806NS Datasheet HTML 7Page - National Semiconductor (TI) DAC0806NS Datasheet HTML 8Page - National Semiconductor (TI) DAC0806NS Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Typical Performance Characteristics
VCC e 5V VEE eb15V TA e 25 C unless otherwise noted
Logic Input Current vs
Input Voltage
Bit Transfer Characteristics
Logic Threshold Voltage vs
Temperature
Output Current vs Output
Voltage (Output Voltage
Compliance)
Output Voltage Compliance
vs Temperature
Typical Power Supply
Current vs Temperature
Typical Power Supply
Current vs VEE
Typical Power Supply
Current vs VCC
Reference Input
Frequency Response
Unless otherwise specified R14 e
R15 e 1kX C e 15 pF pin 16 to
VEE RL e 50X pin 4 to ground
Curve A
Large Signal Bandwidth
Method of
Figure 7 VREF e 2 Vp-p
offset 1 V above ground
Curve B
Small Signal Bandwidth
Method of
Figure 7 RL e 250X VREF
e
50 mVp-p offset 200 mV above
ground
Curve C
Large and Small Signal
Bandwidth Method of
Figure 9 (no op
amp RL e 50X) RS e 50X VREF e
2V VS e 100 mVp-p centered at 0V
TLH5687 – 5
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com