| Moteur de recherche de fiches techniques de composants électroniques |
|
DSPC01 Fiches technique(PDF) 8 Page - Dorji Industrial Group Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
DSPC01 Fiches technique(HTML) 8 Page - Dorji Industrial Group Co.,Ltd |
|
8 / 8 page ![]() DSPC01 Revision 1.21 Page of 8 April. 2014 8 APPLIATION NOTES 1. The heat from mother board might affect the accuracy of temperature when measuring environment temperature so DSPC01 module should be kept away from power or PA ( Specially in mobile phone) which dissipate heat greatly. 2. DSPC01 module should be kept away from the outlet of wind in measuring pressure value. Dust or other foreign substance should not block or cover the measuring hole of pressure sensor or else the pressure value will be inaccurate or be postponed in reading. 3. In measuring direction the module should be kept in horizontal level in order to get the correct value and should avoid to be used in strong magnetic environment such as large electromechanical equipment, iron mine, magnet, etc. If the product is equipped with speaker, the speaker should be turned off in case the magnetic field will interfere the compass. 4. If the sensor module is put or pass in strong magnetic environment, the compass should be calibrated after leaving such environment. The users also need to calibrate the compass for the first use when the finished products are sold on market Dorji Applied Technologies A division of Dorji Industrial Group Co., Ltd Add.: Xinchenhuayuan 2, Dalangnanlu, Longhua, Baoan district, Shenzhen, China 518109 Tel: 0086-755-28156122 Fax.: 0086-755-28156133 Email: sales@dorji.com Web: http://www.dorji.com Dorji Industrial Group Co., Ltd reserves the right to make corrections, modifications, improvements and other changes to its products and services at any time and to discontinue any product or service without notice. Customers are expected to visit websites for getting newest product information before placing orders. These products are not designed for use in life support appliances, devices or other products where malfunction of these products might result in personal injury. Customers using these products in such applications do so at their own risk and agree to fully indemnify Dorji Industrial Group for any damages resulting from improper use. |