| Moteur de recherche de fiches techniques de composants électroniques |
|
UU6032BL-S08-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UU6032BL-S08-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD UU6032B Advance LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 5 Copyright © 2017 Unisonic Technologies Co., Ltd QW-R106-010.c AUTOMOTIVE TOGGLE SWITCH IC DESCRIPTION The bipolar integrated circuit UTC UU6032B is designed as a toggle switch. The device, which has a defined power-on status, can be used to control electrical loads, for example, fog lamps, high/low beam or heated windows for automotive applications. FEATURES * Relay driver with Z-diode * RC oscillator determines switching characteristics * Debounced input for toggle switch * Three debounced inputs: ON, OFF and TOGGLE * RF interference protection * Load-dump protection DIP-8 SOP-8 ORDERING INFORMATION Ordering Number Lead Free Halogen Free Package Packing UU6032BL-D08-T UU6032BG-D08-T DIP-8 Tube UU6032BL-S08-R UU6032BG-S08-R SOP-8 Tape Reel MARKING DIP-8 SOP-8 UTC UU6032B 2 3 4 1 5 6 7 8 Date Code L: Lead Free G: Halogen Free Lot Code |
Numéro de pièce similaire - UU6032BL-S08-R |
|
Description similaire - UU6032BL-S08-R |