| Moteur de recherche de fiches techniques de composants électroniques |
|
GD25LE64CSJG Fiches technique(PDF) 6 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LE64CSJG Fiches technique(HTML) 6 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
6 / 79 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LE64C 6 Pin Description of WLCSP (2x4 functional ball array) Package Pin Name Ball No. I/O Description CS# A3 I Chip Select Input SO (IO1) B3 I/O Data Output (Data Input Output 1) WP# (IO2) C3 I/O Write Protect Input (Data Input Output 2) VSS D3 Ground SI (IO0) D2 I/O Data Input (Data Input Output 0) SCLK C2 I Serial Clock Input HOLD# (IO3) B2 I/O Hold Input (Data Input Output 3) VCC A2 Power Supply Note: CS# must be driven high if chip is not selected. Please don’t leave CS# floating any time after power is on. Pin Description of WLCSP (4x2 functional ball array) Package Pin Name Ball No. I/O Description CS# B3 I Chip Select Input SO (IO1) C3 I/O Data Output (Data Input Output 1) WP#(IO2) D3 I/O Write Protect Input (Data Input Output 2) VSS E3 Ground SI (IO0) E2 I/O Data Input (Data Input Output 0) SCLK D2 I Serial Clock Input HOLD#(IO3) C2 I/O Hold Input (Data Input Output 3) VCC B2 Power Supply Note: CS# must be driven high if chip is not selected. Please don’t leave CS# floating any time after power is on. A4 B3 E3 F4 A1 B2 E2 F1 C3 D3 C2 D2 TOP VIEW BOTTOM VIEW NC NC NC NC VCC HOLD#/IO3 SLCK SI/IO0 CS# SO/IO1 WP#/IO2 VSS WLCSP (4x2 functional ball array) F4 E3 B3 A4 F1 E2 B2 A1 D3 C3 D2 C2 NC NC NC VCC HOLD#/IO3 SLCK SI/IO0 CS# SO/IO1 WP#/IO2 VSS NC |