| Moteur de recherche de fiches techniques de composants électroniques |
|
GD25LB128DVJS Fiches technique(PDF) 6 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25LB128DVJS Fiches technique(HTML) 6 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
6 / 75 page ![]() 1.8V Uniform Sector Dual and Quad Serial Flash GD25LB128D 6 PIN DESCRIPTION Ball No. Pin Name I/O Description B4 CS# I Chip Select Input C4 SO (IO1) I/O Data Output (Data Input Output 1) D4 IO2 I/O Data Input Output 2 E4 VSS Ground E3 SI (IO0) I/O Data Input (Data Input Output 0) D3 SCLK I Serial Clock Input C3 IO3 I/O Data Input Output 3 B3 VCC Power Supply Multiple NC No Connect Note: 1. CS# must be driven high if chip is not selected. Please don’t leave CS# floating any time after power is on. 2. The NC pin/ball is not connected to any internal signal. It is OK to connect it to the system ground (GND) or leave it floating. BLOCK DIAGRAM SPI Command & Control Logic High Voltage Generators Page Address Latch/Counter Status Register Byte Address Latch/Counter Column Decode And 256-Byte Page Buffer Flash Memory CS# SCLK SI(IO0) SO(IO1) IO3 IO2 |