| Moteur de recherche de fiches techniques de composants électroniques |
|
GD5F2GQ4RF9FS Fiches technique(PDF) 56 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F2GQ4RF9FS Fiches technique(HTML) 56 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
56 / 57 page ![]() SPI(x1/x2/x4) NAND Flash 2G 56 Add the Array Organization with Internal ECC ON. Add Note of Address with Internal ECC ON. Add “Power Off Timing” in Device Operation. Update the Important Notice. “Customers shall discard the device according to the local environmental law. ” Correct “ABSOLUTE MAXIMUM RATINGS” Applied Input/ Output Voltage Update Parameter Page Byte 97,Byte 103; Recalculate CRC Remove CID function 9 45 12 58 47 28/30 25 |