| Moteur de recherche de fiches techniques de composants électroniques |
|
GD5F2GQ4RF9JS Fiches technique(PDF) 50 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD5F2GQ4RF9JS Fiches technique(HTML) 50 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
50 / 57 page ![]() SPI(x1/x2/x4) NAND Flash 2G 50 20 PERFORMANCE TIMING Symbol Parameter Min. Typ. Max. Unit. TRST CS# High To Next Command After Reset(FFh) 500 us tRD Read From Array 80 us tPROG Page Programming Time 0.4 0.7 ms tBERS Block Erase Time 3 5 ms Figure20-1. Serial Input Timing SCLK CS# SI MSB SO High-Z LSB tCHSL tSLCH tDVCH tCHDX tSHCH tCHSH tCHCL tCLCH tSHSL Figure20-2. Output Timing CS# SCLK SO SI Least significant address bit (LIB) in tCLQV tCLQX tCLQX tCLQV tCH tCL tSHQZ LSB Figure20-3. Hold Timing CS# SCLK SO HOLD# tCHHL tHLQZ tHLCH tCHHH tHHCH tHHQX SI do not care during HOLD operation. Figure20-4. Reset Timing |