| Moteur de recherche de fiches techniques de composants électroniques |
|
STV5348D Fiches technique(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5348D Fiches technique(HTML) 10 Page - STMicroelectronics |
|
10 / 30 page ![]() STV5348 - STV5348/H - STV5348/T 10/30 Table 8. Ghost Row Storage Organization Note: 1. Packet 8/30 storage: 8/30/0,1: chapter 4, row23 8/30/2,3: chapter 5, row23 8/30/4 to 15: chapter 6, row23 2. See Table 10 for VPS data storage. Row Address of Stored Data Designation Code Row (Packet) Number Function 0 0 0 0 0 X / 26 Enhanced display facilities 1 0 0 0 1 2 0 0 1 0 3 0 0 1 1 4 0 1 0 0 5 0 1 0 1 6 0 1 1 0 7 0 1 1 1 8 1 0 0 0 9 1 0 0 1 10 1 0 1 0 11 1 0 1 1 12 1 1 0 0 13 1 1 0 1 14 1 1 1 0 15 0 0 1 0 X / 28 Conditional access 16 0 0 0 0 X / 27 Editorial Linked pages 17 0 0 0 1 18 0 1 0 0 Composition 19 0 1 0 1 20 X / 24 Page extension stored here if R0D7 = 0 21 X / 25 Page extension 22 0 0 0 0 X / 28 Color definition 23 X X X X 8 / 30 (1) (1) Broadcasting service data packet 24 0 0 0 1 X/28 Character set designation 25 (2) Not used Page related data stored in chapter corresponding to level 1 data, i.e. For 0 goes in 4 " 1 " " 5 "2 " " 6 "3 " " 7 |