| Moteur de recherche de fiches techniques de composants électroniques |
|
STV5348/T Fiches technique(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5348/T Fiches technique(HTML) 23 Page - STMicroelectronics |
|
23 / 30 page ![]() 23/30 STV5348 - STV5348/H - STV5348/T I/O PIN ELECTRICAL SCHEMATICS Figure 12. Analog 1 (CVBS) Figure 13. Analog 2 (CBLK) Figure 14. Input A Figure 15. Input D Figure 16. PRGB Figure 17. 1 CVBS 250 Ω V DDA V SSA 28 CBLK 250 Ω V DDA V SSA 450 Ω V DDA V SSA Pins 2, 27 MA/SL, TEST 450 Ω V DDD V SSD Pins 4, 6 POL, FFB 11 V DDD V SSD RGB REF 450 Ω Pins 8, 9, 10 R, G, B 23 24 XTO 450 Ω 450 Ω V DDD V SSD XTI |