| Moteur de recherche de fiches techniques de composants électroniques |
|
STV5248 Fiches technique(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV5248 Fiches technique(HTML) 21 Page - STMicroelectronics |
|
21 / 30 page ![]() 21/30 STV5348 - STV5348/H - STV5348/T Table 19. STV5348/H Character Set - East European Languages Note: 1. Where PHCB are the Page Header Control bits. Other Combinations default to German. Only the above charac- ters change with the PHCB. All others characters in the basic set are shown in Table 16. Table 20. STV5348/T Character Set - Turkish European Languages Note: 1. Where PHCB are the Page Header Control bits. Other Combinations default to Turkish. Only the above charac- ters change with the PHCB. All others characters in the basic set are shown in Table 16. |