| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX16154DECT Fiches technique(PDF) 17 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX16154DECT Fiches technique(HTML) 17 Page - Maxim Integrated Products |
|
17 / 20 page ![]() Manual Reset The MAX16152 and the MAX16153 include an active-low manual reset input, MR. Forcing MR low asserts the reset output after 250ns (typ) delay period (tMRD). The reset output remains asserted as long as MR is held low. The reset output de-asserts after the reset timeout period when MR is released. See Figure 5 below for MR timing characteristics. MR has an internal pullup resistor to VCC and can be left unconnected if not used. VCC (MIN) VTH + VHYS VCC RST WDO WDI tSTARTUP tSTARTUP tRP tRP MR t < tWD WDI PULSES IGNORED Figure 5. Manual Reset Input Timing Characteristics MAX16152/MAX16153/ MAX16154/MAX16155 nanoPower Supervisor and Watchdog Timer www.maximintegrated.com Maxim Integrated | 17 |