| Moteur de recherche de fiches techniques de composants électroniques |
|
MAX16154BECT Fiches technique(PDF) 16 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX16154BECT Fiches technique(HTML) 16 Page - Maxim Integrated Products |
|
16 / 20 page ![]() Reset Timeout Period The MAX16152/MAX16153/MAX16154/MAX16155 feature an active-low open-drain reset output (RST) that asserts low when VCC drops below the factory-set threshold voltage, VTH. The reset output remains asserted as long as VCC remains below the threshold voltage. When VCC rises above the threshold voltage plus the required hysteresis, the reset output remains asserted during the reset timeout period, and then de-asserts. See Figure 4 for more details. Contact Maxim for reset timeout period options not listed in the Ordering Information table. VCC RST tRP tRP VTH + VHYS VTH VTH+VHYS VCC (MIN) Figure 4. Reset Output Timing Diagram Note: The reset timeout period does not include additional power up delay specified in the Electrical Characteristics table. MAX16152/MAX16153/ MAX16154/MAX16155 nanoPower Supervisor and Watchdog Timer www.maximintegrated.com Maxim Integrated | 16 |