| Moteur de recherche de fiches techniques de composants électroniques |
|
AM23ESGC Fiches technique(PDF) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD. |
|
|
|||||||||||||||||||||||||||||
AM23ESGC Fiches technique(HTML) 4 Page - HK TO-GRACE TECHNOLOGY CO.,LTD. |
|
4 / 4 page ![]() © 2019 Kingbright. All Rights Reserved. Spec No: DSAA8612 / 1202000004 Rev No: V.14A Date: 04/12/2019 Page 4 / 4 PACKING & LABEL SPECIFICATIONS AM23ESGC TAPE SPECIFICATIONS (units : mm) REEL DIMENSION (units : mm) REFLOW SOLDERING PROFILE for LEAD-FREE SMD PROCESS Notes: 1. Don't cause stress to the LEDs while it is exposed to high temperature. 2. The maximum number of reflow soldering passes is 2 times. 3. Reflow soldering is recommended. Other soldering methods are not recommended as they might cause damage to the product. PRECAUTIONARY NOTES 1. The information included in this document reflects representative usage scenarios and is intended for technical reference only. 2. The part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. Before production usage customer should refer to the latest datasheet for the updated specifications. 3. When using the products referenced in this document, please make sure the product is being operated within the environmental and electrical limits specified in the datasheet. If customer usage exceeds the specified limits, Kingbright will not be responsible for any subsequent issues. 4. The information in this document applies to typical usage in consumer electronics applications. If customer's application has special reliability requirements or have life-threatening liabilities, such as automotive or medical usage, please consult with Kingbright representative for further assistance. 5. The contents and information of this document may not be reproduced or re-transmitted without permission by Kingbright. 6. All design applications should refer to Kingbright application notes available at https://www.KingbrightUSA.com/ApplicationNotes |