Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PG1N-RX10 Fiches technique(PDF) 2 Page - Elite Enterprises (H.K.) Co., Ltd.

No de pièce PG1N-RX10
Description  10째 viewing angle
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ELITE [Elite Enterprises (H.K.) Co., Ltd.]
Site Internet  http://www.elite-ent.com.hk/main.php?lang=eng
Logo ELITE - Elite Enterprises (H.K.) Co., Ltd.

PG1N-RX10 Fiches technique(HTML) 2 Page - Elite Enterprises (H.K.) Co., Ltd.

  PG1N-RX10 Datasheet HTML 1Page - Elite Enterprises (H.K.) Co., Ltd. PG1N-RX10 Datasheet HTML 2Page - Elite Enterprises (H.K.) Co., Ltd. PG1N-RX10 Datasheet HTML 3Page - Elite Enterprises (H.K.) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Mechanical Dimensions
SECTION VIEW
TOP VIEW
PG1N-RX10
SECTION VIEW
2
Clearance between Reflector and LED
Clearance between Reflector and LED
TOP VIEW
PG1N-RY10
Notes:
1. All dimensions in millimeters.
2. Do not subject to temperatures greater than 75°C as plastic deformation may occur.
Protect reflector against exposure to solvents and adhesives that are not compatible
with it. Use care in handling the optic to avoid scratches or other damage that will effect
the optical performance.
max. 0.2
min. 0.05
max. 0.2
min. 0.05



Html Pages

1 2 3