| Moteur de recherche de fiches techniques de composants électroniques |
|
VISION2000-C Fiches technique(PDF) 1 Page - MKS Instruments. |
|
|
|||||||||||||||||||||||||||||
VISION2000-C Fiches technique(HTML) 1 Page - MKS Instruments. |
|
1 / 4 page ![]() Vision 2000-C™ Vision 2000-E™ RGA FOR CVD AND ETCH PROCESSES The Vision 2000-C™ and Vision 2000-E™ are designed to track levels of various gas species during etch processes and the chamber clean, passivation sequences, and deposition steps for various CVD processes including: Features & Benefits • Application-specific RGA designed for continuous in situ monitoring of chemical vapor deposition (CVD) and etching processes — In situ monitoring during chamber clean, passivation and deposition to detect subtle changes in low concentration species and high mass species decay with respect to time — Ideal for qualification of new CVD or Etch process tools or process sequences — Enables precision end-point character- ization and process optimization — Provides insight into etch rate variations — Decreases time to production and time to ramp • Baseline monitoring of CVD or Etch chambers for air leaks and background contamination levels • Vacuum troubleshooting for fast PM recovery • Can be integrated with a wide variety of CVD and Etch tools • Remote Vacuum Controller (RVC) for fail- safe vacuum operation • PC-based operation and control • Includes Process Eye™ Professional software for — Data acquisition — Data interpretation and data recall — Intelligent alarming of process excursions • Titanium nitride (from TDMAT) • Tantalum oxide (from tantalum precursor) • Copper (from CupraSelect®) • HDP of low-k dielectric films • Atomic layer CVD (ALD) & atomic layer epitaxy • MOCVD • Tungsten and tungsten silicide • Reactive ion etching (RIE) • Plasma etching – Metal – oxide – Poly • High density plasma etching • Microwave etching |
Numéro de pièce similaire - VISION2000-C |
|
Description similaire - VISION2000-C |