| Moteur de recherche de fiches techniques de composants électroniques |
|
BTM521 Fiches technique(PDF) 13 Page - BUDDIES TECHNOLOGY LIMITED. |
|
|
|||||||||||||||||||||||||||||
BTM521 Fiches technique(HTML) 13 Page - BUDDIES TECHNOLOGY LIMITED. |
|
13 / 21 page ![]() http://www.buddies-tech.com BTM521 DATASHEET 13 5. PHYSICAL INTERFACE 5.1 Power Supply The transient response of the regulator is important. If the power rails of the module are supplied from an external voltage source, the transient response of any regulator used should be 20µs or less. 5.2 Audio Interfaces Audio interface as following features: Mono analogue input for voice band and audio band Stereo and mono analogue output for voice band and audio band The stereo audio CODEC uses a fully differential architecture in the analogue signal path, which results in low noise sensitivity and good power supply rejection while effectively doubling the signal amplitude. It uses a minimum of external components. The module features a differential stereo audio output interfaces. 5.2.1 ADC The ADC consists of a second order Digma Delta converter as show in Figure 6. Figure 6 |