| Moteur de recherche de fiches techniques de composants électroniques |
|
BTM41 Fiches technique(PDF) 4 Page - BUDDIES TECHNOLOGY LIMITED. |
|
|
|||||||||||||||||||||||||||||
BTM41 Fiches technique(HTML) 4 Page - BUDDIES TECHNOLOGY LIMITED. |
|
4 / 18 page ![]() http://www.buddies –tech.com BTM41 DATASHEET 4 1. INTRODUCTION The BTM41 Bluetooth ® module is a perfect solution for data transmission applications, such as sensors and controllers for cable replacement . It can be connected with any Bluetooth ® devices in an operating range. It is slim and light so the designers can have better flexibilities for the product shapes. The BTM41 Bluetooth ® module complies with Bluetooth® specification version 2.1. It supports HSP,HFP,PBAP,OPP,SPP, profiles. It integrates RF Baseband controller, antenna, etc. and provide UART interface, programmable I/O, stereo speaker output, microphone input, etc. The detail information of BTM41 Bluetooth ® module is presented in this document below. 1.1 Block Diagram BC4-External PCM +3V3 |