| Moteur de recherche de fiches techniques de composants électroniques |
|
PBLS1504V Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PBLS1504V Fiches technique(HTML) 1 Page - NXP Semiconductors |
|
1 / 14 page ![]() 1. Product profile 1.1 General description Low VCEsat PNP transistor and NPN resistor-equipped transistor in one package. 1.2 Features s Low VCEsat (BISS) and resistor-equipped transistor in one package s Low ‘threshold’ voltage ( < 1 V) compared to MOSFET s Low drive power required s Space-saving solution s Reduction of component count. 1.3 Applications s Supply line switches s Battery charger switches s High-side switches for LEDs, drivers and backlights s Portable equipment. 1.4 Quick reference data PBLS1504Y; PBLS1504V 15 V PNP BISS loadswitch Rev. 02 — 25 November 2004 Product data sheet Table 1: Product overview Type number Package Philips JEITA PBLS1504Y SOT363 SC-88 PBLS1504V SOT666 - Table 2: Quick reference data Symbol Parameter Conditions Min Typ Max Unit TR1; PNP; low VCEsat transistor VCEO collector-emitter voltage open base - - −15 V IC collector current (DC) - - −500 mA RCEsat equivalent on-resistance IC = −500 mA; IB = −50 mA - 300 500 m Ω TR2; NPN; resistor-equipped transistor VCEO collector-emitter voltage open base - - 50 V |
Numéro de pièce similaire - PBLS1504V |
|
Description similaire - PBLS1504V |