| Moteur de recherche de fiches techniques de composants électroniques |
|
AW9233CSR Fiches technique(PDF) 21 Page - Shanghai awinic technology co.,ltd |
|
|
|||||||||||||||||||||||||||||
AW9233CSR Fiches technique(HTML) 21 Page - Shanghai awinic technology co.,ltd |
|
21 / 48 page ![]() AW9233 June 2018 V1.2 www.awinic.com.cn 21 Copyright © 2016 SHANGHAI AWINIC TECHNOLOGY CO., LTD Command 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 JP 0 0 0 0 0 0 0 0 ADDR[7:0] NOP 0 0 0 0 0 0 0 1 - - - - - - - - ----- 0 0 0 0 0 0 1 X JPZ Addr 0 0 0 0 0 1 0 0 ADDR[7:0] JPNZ Addr 0 0 0 0 0 1 0 1 ADDR[7:0] JPS Addr 0 0 0 0 0 1 1 0 ADDR[7:0] JPNS Addr 0 0 0 0 0 1 1 1 ADDR[7:0] LD Rz Im 0 0 0 0 1 0 Rz Im[7:0] CMPI Rz Im 0 0 0 0 1 1 Rz Im[7:0] ANDR Rz Im 0 0 0 1 0 0 Rz Im[7:0] ORR Rz Im 0 0 0 1 0 1 Rz Im[7:0] RDR Rz Addr 0 0 0 1 1 0 Rz ADDR[7:0] WDR Rz Addr 0 0 0 1 1 1 Rz ADDR[7:0] ADDI Rz Im 0 0 1 0 0 0 Rz Im[7:0] AUBI Rz Im 0 0 1 0 0 1 Rz Im[7:0] ADDR Rx Ry 0 0 1 0 1 0 Rz - - - - Rx Ry SUBR Rx Ry 0 0 1 0 1 1 Rz - - - - Rx Ry CMPR Rx Ry 0 0 1 1 0 0 0 0 - - - - Rx Ry ---- 0 0 1 1 0 0 X X END Int Rst 0 0 1 1 0 1 0 0 - - - - - - Int Rst INTN_MASKOFF 0 0 1 1 0 1 1 0 - - - - - - - - INTN_MASKON 0 0 1 1 0 1 1 1 - - - - - - - - WAITI Pre Time 0 0 1 1 1 Pre T[9:0] SETPWMR Rx Ry 0 1 0 0 0 0 0 - - 0 0 0 Rx Ry RAMPR Dir Rx Ry 0 1 0 0 0 0 1 Dir - 0 0 0 Rx Ry SETSTEPTMRR Pre Rx Ry 0 1 0 0 0 1 0 - Pre 0 0 0 Rx Ry SETSTEPTMRI Pre Ch Im 1 0 0 Ch[4:0] Pre - Im[5:0] SETPWMI Ch Im 1 0 1 Ch[4:0] Im[7:0] RAMPI Dir Ch Im 1 1 Dir Ch[4:0] Im[7:0] a) Special LED Control Command There are 3 types of LED control command. - SETPWM: set the brightness level (0~255)for specified LED channel; - RAMP: set the specified LED channel fade in or fade out for expected step( 0~255) - SETSTEP: set the fading slope for specified LED channel; All control parameter in above commands can either come from specified register (RA~RD), or from immediate data contained in command.. All LED control command supports broadcast mode, one instruction may send to multiple or all LEDs |