Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST1155A Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce ST1155A
Description  Low-saturation, Low-voltage bi-directional Motor Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

ST1155A Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

  ST1155A Datasheet HTML 1Page - List of Unclassifed Manufacturers ST1155A Datasheet HTML 2Page - List of Unclassifed Manufacturers ST1155A Datasheet HTML 3Page - List of Unclassifed Manufacturers ST1155A Datasheet HTML 4Page - List of Unclassifed Manufacturers ST1155A Datasheet HTML 5Page - List of Unclassifed Manufacturers ST1155A Datasheet HTML 6Page - List of Unclassifed Manufacturers ST1155A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1155A
ST1155A_A05.doc
Version: A.05
-6-
Package Specifications(SOP-14)
Dimensions in Millimeter
Dimensions in Inches
SYMBOL
MIN
NOM
MAX
MIN
NOM
MAX
A1.35
-
1.75
0.0532
-
0.0688
A1
0.10
-
0.25
0.0040
-
0.0098
A2
-
----
-
B0.33
-
0.51
0.013
-
0.020
C0.19
-
0.25
0.0075
-
0.0098
D8.55
-
8.75
0.3367
-
0.3444
E3.8
-
4.0
0.1497
-
0.1574
e
-
1.27
--
0.050
-
H5.8
-
6.2
0.2264
-
0.2440
L0.40
-
1.27
0.016
-
0.050
Y
--
0.10
--
0.004
θ
0
°
-
8
°
0
°
-
8
°
(14-pin SOP )
D
EH
B
A1
e
A
A2
7
°(4X)
θ
C
L
y
ST1155A
xxxxxx*
* The package marking “xxxxxx” is a lot number, and
therefore being subject to change.
The products listed herein are designed for ordinary electronic applications, such as
electrical appliances, audio-visual equipment, communications devices and so on.
Hence, it is advisable that the devices should not be used in medical instruments,
surgical
implants,
aerospace
machinery,
nuclear
power
control
systems,
disaster/crime-prevention equipment and the like. Misusing those products may
directly or indirectly endanger human life, or cause injury and property loss.
Silicon Touch Technology, Inc. will not take any responsibilities regarding the
misusage of the products mentioned above. Anyone who purchases any products
described herein with the above-mentioned intention or with such misused applications
should accept full responsibility and indemnify. Silicon Touch Technology, Inc. and its
distributors and all their officers and employees shall defend jointly and severally
against any and all claims and litigation and all damages, cost and expenses associated
with such intention and manipulation.



Html Pages

1 2 3 4 5 6 7