Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPUSB101A Fiches technique(PDF) 21 Page - Generalplus Technology Inc.

No de pièce GPUSB101A
Description  USB Bridge Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPUSB101A Fiches technique(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPUSB101A Datasheet HTML 17Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 18Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 19Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 20Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 21Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 22Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 23Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 24Page - Generalplus Technology Inc. GPUSB101A Datasheet HTML 25Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
GPUSB101A
© Generalplus Technology Inc.
Proprietary & Confidential
21
Sep 24, 2014
Version: 1.4
10.3. USB Bulk Only Command Protocol
GPUSB101A must receive USB vendor command from USB Host (PC). The command format is following USB mass storage device
class command.
Figure 1 - Command/Data/Status Flow shows the flow for Command Transport, Data-In, Data-Out and Status Transport. The following
sections define Command and Status Transport.
10.3.1. Command Block Wrapper (CBW)
The CBW shall start on a packet boundary and shall end as a short packet with exactly 31 (1Fh) bytes transferred. Fields appear aligned
to byte offsets equal to a multiple of their byte size. All subsequent data and the CSW shall start at a new packet boundary. All CBW
transfers shall be ordered with the LSB (byte 0) first (little endian). Refer to the USB Specification Terms and Abbreviations for
clarification.
TABLE 7.3.1. Command Block Wrapper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37