Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMD105M016ST Fiches technique(PDF) 1 Page - Vatronics Technologies Limited

No de pièce SMD105M016ST
Description  SMD Tantalum Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VATRONICS [Vatronics Technologies Limited]
Site Internet  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

SMD105M016ST Fiches technique(HTML) 1 Page - Vatronics Technologies Limited

  SMD105M016ST Datasheet HTML 1Page - Vatronics Technologies Limited SMD105M016ST Datasheet HTML 2Page - Vatronics Technologies Limited SMD105M016ST Datasheet HTML 3Page - Vatronics Technologies Limited SMD105M016ST Datasheet HTML 4Page - Vatronics Technologies Limited SMD105M016ST Datasheet HTML 5Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tantalum capacitors,tantalum capacitor,chip tantalum capacitors,chip tantalu...smd tantalum capacitor,capacitors,capacitor,tantalum capacitors manufacturer
•
•
VTS Series SMD Tantalum Capacitors
Vatronics SMD tantalum capacitors . There are S, A, B, C, D, E six sizes. They have lower ESR
Compared with the radial tantalum capacitors .The product is compatible with automatic pack and
place equipment. Suitable for suitable for electronic communication, computer and military and so on.
Operating temperature: -55• ~ +125•(above 85c,use derated voltage).
Capacitance Tolerance: ±20%•±10%,
Capacitance Range: 0.1•F~470•F.
Voltage Rating•4V~50V•
DC leakage current(20):I0 ≤0.01CRUR or 0.5•A(whichever is greater ) .
Life test: 2000 hours.
Reliability:2% per 1000h at 85C with 0.1
Ω/V series impedance 60% confidence level.
Outline Drawings•
Vatronics Dimensions-Millimeters
Case Size
L±0.2
W1±0.2
H±0.2
S±0.2
W2±0.1
S
2.0±0.2
1.20±0.2
1.20±0.2
0.5±0.3
1.2±0.1
A
3.2±0.2
1.6±0.2
1.6±0.2
0.8±0.3
1.2±0.1
B
3.5±0.2
2.8±0.2
1.9±0.2
0.8±0.3
2.2±0.1
C
6.0±0.3
3.2±0.3
2.5±0.3
1.3±0.3
2.2(±0.1
D
7.3±0.3
4.3±0.3
2.8±0.3
1.3±0.3
2.4±0.1
E
7.3±0.3
4.3±0.3
4.0±0.3
1.3±0.3
2.4±0.1
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/VTS.htm (1 / 5) [2003-12-20 11:47:30]


Numéro de pièce similaire - SMD105M016ST

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
SMD10 COOPER-SMD10 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
SMD100 ETC2-SMD100 Datasheet
20Kb / 1P
PolySwitch Surface-mount Resettable Devices
SMD100-2 ETC1-SMD100-2 Datasheet
313Kb / 4P
PolySwitch SMD
logo
Tyco Electronics
SMD100-2018 MACOM-SMD100-2018 Datasheet
41Kb / 1P
PolySwitch PTC Devices Overcurrent Protection Device
logo
List of Unclassifed Man...
SMD100-2018 ETC2-SMD100-2018 Datasheet
20Kb / 1P
PolySwitch Surface-mount Resettable Devices
More results

Description similaire - SMD105M016ST

FabricantNo de pièceFiches techniqueDescription
logo
Sharma Electro Componen...
SAF SHARMA-SAF Datasheet
446Kb / 2P
Tantalum Capacitors
SAH SHARMA-SAH Datasheet
450Kb / 2P
Tantalum Capacitors
SAL SHARMA-SAL Datasheet
449Kb / 2P
Tantalum Capacitors
TDA335K06CB SHARMA-TDA335K06CB Datasheet
446Kb / 2P
Tantalum Capacitors
SAJ SHARMA-SAJ Datasheet
459Kb / 3P
Tantalum Capacitors
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Vishay Siliconix
T22 VISHAY-T22 Datasheet
158Kb / 10P
Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
13-May-2020
DLA19001 VISHAY-DLA19001 Datasheet
129Kb / 7P
Wet Tantalum SMD Capacitors, Tantalum Metal Case with Glass-to-Tantalum Hermetic Seal, DLA Approved
18-Jun-2019
T25 VISHAY-T25 Datasheet
116Kb / 4P
Solid Tantalum SMD Capacitors TANTAMOUNT™, Hi-Rel COTS, Low ESR, Metal Case
05-Aug-2020
logo
RFE international
SMT RFE-SMT Datasheet
508Kb / 5P
SMD TANTALUM CAPACITORS
2016.10.17
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com