Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMD105J035ST Fiches technique(PDF) 2 Page - Vatronics Technologies Limited

No de pièce SMD105J035ST
Description  SMD Tantalum Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VATRONICS [Vatronics Technologies Limited]
Site Internet  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

SMD105J035ST Fiches technique(HTML) 2 Page - Vatronics Technologies Limited

  SMD105J035ST Datasheet HTML 1Page - Vatronics Technologies Limited SMD105J035ST Datasheet HTML 2Page - Vatronics Technologies Limited SMD105J035ST Datasheet HTML 3Page - Vatronics Technologies Limited SMD105J035ST Datasheet HTML 4Page - Vatronics Technologies Limited SMD105J035ST Datasheet HTML 5Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
tantalum capacitors,tantalum capacitor,chip tantalum capacitors,chip tantalu...smd tantalum capacitor,capacitors,capacitor,tantalum capacitors manufacturer
Vatronics Rated Voltage, Voltage Derating, Surge Voltage and Normal Capacitance
Rated Voltage(V)
4
6.3
10
16
20
25
35
50
Voltage Derating(V)
2.5
4
6.3
10
13
16
23
33
Surge Voltage (V+85C)
5
8
13
20
26
32
46
65
Surge Voltage (V+125C)
3.4
5
9
12
16
20
26
38
Capacitance
Case size•Standard/Extended•
0.1
S
A
A
0.15
S
A
B/A
0.22
S
A
B
0.33
S
A
B
0.47
S
S
A
B/A
C
0.68
S
S
A/S
A
B
C
1.0
A/S
A/S
A/S
A
B/A
B
C
1.5
S
A/S
A/S
A/S
B/A
B
C/B
D/C
2.2
S
A/S
A/S
B/A
B/A
B
C
D
3.3
A/S
A/S
B/A
B/A
C/B
C
D/C
D
4.7
A/S
B/A
B/A
B/A
D/C
C
D/C
E
6.8
B/A
B/A
B/A
C/B
D/C
D/C
D
10
B/A
B/A
B/A
C/B
D/C
D/C
D
15
B/A
C/B
C/B
C
D
D
E
22
C/B
C/B
C/B
D/C
D
D
E
33
C/B
D/C
D/C
D/C
D
E
47
D/C
D/C
D/C
D/C
E/D
68
D/C
D/C
D
D
E
100
D/C
D/C
D
D
150
D/C
D
E
E
220
D
E
E
E
330
E
E
E
470
E
•
•
•
•
•
•
Vatronics Temperature Characteristics
Capacitance•uF•
Cap. Change
DF Max.
DCL Max.
-55C
+85C
+125C
-55C
+20C
+85C
+125C
+85C
+125C
≤1.0
-10
+10
+12
6
4
6
6
10I0
12I0
1.5-68
10
6
10
10
100-470
12
8
12
12
•
•
•
•
•
•
•
•
••
Vatronics Technologies Limited
http://www.vatronics.com sales@vatronics.com
file:///C|/index/VTS.htm (2 / 5) [2003-12-20 11:47:30]



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com