Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M48T86PC1F Fiches technique(PDF) 13 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

No de pièce M48T86PC1F
Description  5.0V PC Real-Time Clock
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Site Internet  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

M48T86PC1F Fiches technique(HTML) 13 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button M48T86PC1F Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 15Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 16Page - ARTSCHIP ELECTRONICS CO.,LMITED. M48T86PC1F Datasheet HTML 17Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13/29
M48T86
Periodic Interrupt
The periodic interrupt will cause the IRQ pin to go
to an active state from once every 500ms to once
every 122µs. This function is separate from the
alarm interrupt which can be output from once per
second to once per day. The periodic interrupt rate
is selected using the same Register A bits which
select the square wave frequency (see Table
4., page 14). Changing the Register A bits affects
both the square wave frequency and the periodic
interrupt output. However, each function has a
separate enable bit in Register B. The periodic in-
terrupt is enabled by the PIE Bit (Register B; Bit 6).
The periodic interrupt can be used with software
counters to measure inputs, create output inter-
vals, or await the next needed software function.
Alarm Interrupt
The alarm interrupt provides the system processor
with an interrupt when a match is made between
the RTC's hours, minutes, and seconds bytes and
the corresponding alarm bytes.
The three alarm bytes can be used in two ways.
First, when the alarm time is written in the appro-
priate hours, minutes, and seconds alarm loca-
tions, the alarm interrupt is initiated at the specified
time each day if the Alarm Interrupt Enable Bit
(Register B; Bit 5) is high. The second use is to in-
sert a “Don't care” state in one or more of the three
alarm bytes. The “Don't care” code is any hexa-
decimal value from C0 to FF. The two most signif-
icant bits of each byte set the “Don't care”
condition when at logic '1.' An alarm will be gener-
ated each hour when the “Don't care” is are set in
the hours byte. Similarly, an alarm is generated
every minute with “Don't care” codes in the hour
and minute alarm bytes. The “Don't care” codes in
all three alarm bytes create an interrupt every sec-
ond.
Update Cycle Interrupt
After each update cycle, the Update Cycle Ended
Flag Bit (UF) (Register C; Bit 4) is set to a '1.' If the
Update Interrupt Enable Bit (UIE) (Register B; Bit
4) is set to a '1,' and the SET Bit (Register B; Bit 7)
is a '0,' then an interrupt request is generated at
the end of each update cycle.
Oscillator Control Bits
When the M48T86 is shipped from the factory the
internal oscillator is turned off. This feature pre-
vents the lithium energy cell from being dis-
charged until it is installed in a system. A pattern of
“010” in Bits 4-6 of Register A will turn the oscillator
on and enable the countdown chain. A pattern of
“11X” will turn the oscillator on, but holds the
countdown chain of the oscillator in reset. All other
combinations of Bits 4-6 keep the oscillator off.
Update Cycle
The M48T86 executes an update cycle once per
second regardless of the SET Bit (Register B; Bit
7). When the SET Bit is asserted, the user copy of
the double buffered time, calendar, and alarm
bytes is frozen and will not update as the time in-
crements. However, the time countdown chain
continues to update the internal copy of the buffer.
This feature allows accurate time to be main-
tained, independent of reading and writing the
time, calendar, and alarm buffers. This also guar-
antees that the time and calendar information will
be consistent. The update cycle also compares
each alarm byte with the corresponding time byte
and issues an alarm if a match or if a “Don't care”
code is present in all three positions.
There are three methods of accessing the real
time clock that will avoid any possibility of obtain-
ing inconsistent time and calendar data. The first
method uses the update-ended interrupt. If en-
abled, an interrupt occurs after every update cycle
which indicates that over 999ms are available to
read valid time and date information. If this inter-
rupt is used, the IRQF Bit (Register C; Bit 7) should
be cleared before leaving the interrupt routine.
A second method uses the Update-In-Progress
(UIP) Bit (Register A; Bit 7) to determine if the up-
date cycle is in progress. The UIP Bit will pulse
once per second. After the UIP Bit goes high, the
update transfer occurs 244µs later. If a low is read
on the UIP Bit, the user has at least 244µs before
the time/calendar data will be changed. Therefore,
the user should avoid interrupt service routines
that would cause the time needed to read valid
time/calendar data to exceed 244µs.
The third method uses a periodic interrupt to deter-
mine if an update cycle is in progress. The UIP Bit
is set high between the setting of the PF Bit (Reg-
ister C; Bit 6). Periodic interrupts that occur at a
rate greater than tBUC allow valid time and date in-
formation to be reached at each occurrence of the
periodic interrupt.The READs should be complet-
ed within 1/(tPL/2 + tBUC) to ensure that data is not
read during the update cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29