| Moteur de recherche de fiches techniques de composants électroniques |
|
LM193 Fiches technique(PDF) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
|
|||||||||||||||||||||||||||||
LM193 Fiches technique(HTML) 3 Page - ARTSCHIP ELECTRONICS CO.,LMITED. |
|
3 / 15 page ![]() LM193/LM293/LM393/LM2903 www.artschip.com 3 Absolute Maximum Ratings (Note 10) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/Distributors for availability and specifications. Supply Voltage, V + 36V Differential Input Voltage (Note 8) 36V Input Voltage -0.3V to +36V Input Current (VIN < -0.3V) (Note 3) 50mA Power Dissipation (Note 1) Molded DIP 780mW Metal Can 660mW Small Outline Package 510mW Micro SMD package 568mW Output Short-Circuit to Ground (Note 2) Continuous Operating Temperature Range LM393 0℃ to +70℃ LM293 -25℃ to +85℃ LM193/LM193A -55℃ to +125℃ LM2903 -40℃ to + 80℃ Storage Temperature Range -60℃ to +150℃ Lead Temperature (Soldering, 10 seconds) +260℃ Soldering Information Dual-In-Line Package Soldering (10 seconds) 260℃ Small Outline Package 215℃ Vapor Phase (60 seconds) Infrared (15 seconds) 220℃ See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount devices. ESD rating (1.5kΩ in series with 100pF) 1300V Electrical Characteristics (V + =5V, TA = 25 , ℃ unless otherwise stated) LM193A Parameter Conditions Min Typ Max Units Input Offset Voltage (Note 9) 1.0 2.0 mV Input Bias Current IIN(+) or IIN(-) with Output In Linear Range, VCM = 0V (Note 5) 25 100 nA Input Offset Current IIN(+)-IIN(-) VCM =0V 3.0 25 V Input Common Mode Voltage Range V+=30V (Note 6) 0 V + -1.5 V V + = 5V Supply Current RL=∞ V + = 36V 0.4 1 1 2.5 mA mA Voltage Gain RL≥15KΩ, V + = 15V VO =1V to 11V 50 200 V/mV Large Signal Response Time VIN = TTL Logic Swing, VREF = 1.4V VRL = 5V, RL = 5.1KΩ 300 ns Response Time VRL = 5V, RL = 5.1KΩ (Note 7) 1.3 µs Output Sink Current VIN(-) =1V, VIN(+) =0, VO ≈1.5V 6.0 1.6 mA Saturation Voltage VIN(-) =1V, VIN(+) =0, ISINK ≤4mA 250 400 mV Output Leakage Current VIN(-) =0, VIN(+) =1V, VO =5V 0.1 nA Electrical Characteristics (V + =5V, TA = 25 , ℃ unless otherwise stated) LM193 LM293,LM393 LM2903 Parameter Conditions Min Typ Max Min Typ Max Min Typ Max Units Input Offset Voltage (Note 9) 1.0 5.0 1.0 5.0 2.0 7.0 mV Input Bias Current VIN(+) or VIN(-) with Output In Linear Range, VCM = 0V (Note5) 2.5 100 25 250 25 250 nA Input Offset Current VIN(+) - VIN(-) VCM = 0V 3.0 25 5.0 50 5.0 50 nA Input Common Mode Voltage Range V+ = 30V (Note 6) 0 V+-1.5 0 V+-1.5 0 V+-1.5 V |