Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RGPSM202 Fiches technique(PDF) 21 Page - Semtech Corporation

No de pièce RGPSM202
Description  SlimGPS??Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RGPSM202 Fiches technique(HTML) 21 Page - Semtech Corporation

Back Button RGPSM202 Datasheet HTML 17Page - Semtech Corporation RGPSM202 Datasheet HTML 18Page - Semtech Corporation RGPSM202 Datasheet HTML 19Page - Semtech Corporation RGPSM202 Datasheet HTML 20Page - Semtech Corporation RGPSM202 Datasheet HTML 21Page - Semtech Corporation RGPSM202 Datasheet HTML 22Page - Semtech Corporation RGPSM202 Datasheet HTML 23Page - Semtech Corporation RGPSM202 Datasheet HTML 24Page - Semtech Corporation RGPSM202 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
© Semtech 2005
www.semtech.com
21
RGPSM202
SlimGPS™ Receiver
Important Note: after the receiver gets this command the content of the GPS data RAM will be saved in the back-up
Flash upon the first position fix.
5.4.10.3 Delete the initial position
This NMEA sentence has the same effect as the hardware input DELPOSN. It allows deleting the initial position in the
RAM portion of the MCU and triggering re-computation of the tracking set. The position will not be deleted if GPS fixes
are already being generated. This function is useful when the initial position is known to be incorrect, for example when
the receiver is powered down, put on a plane, flown 20,000 km, and then warm-started. The command is:
$PXEMSTR,SSDI*74
Important Note: after the PXEMSTR,SSDI command is sent, the receiver should make a position fix before it saves
GPS data in its back-up Flash memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27