Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS3590 Fiches technique(PDF) 40 Page - Semtech Corporation

No de pièce GS3590
Description  Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3590 Fiches technique(HTML) 40 Page - Semtech Corporation

Back Button GS3590 Datasheet HTML 36Page - Semtech Corporation GS3590 Datasheet HTML 37Page - Semtech Corporation GS3590 Datasheet HTML 38Page - Semtech Corporation GS3590 Datasheet HTML 39Page - Semtech Corporation GS3590 Datasheet HTML 40Page - Semtech Corporation GS3590 Datasheet HTML 41Page - Semtech Corporation GS3590 Datasheet HTML 42Page - Semtech Corporation GS3590 Datasheet HTML 43Page - Semtech Corporation GS3590 Datasheet HTML 44Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 118 page
background image
GS3590
Final Data Sheet Rev.4
PDS-061414 September 2017
40 of 118
Semtech
Proprietary & Confidential
www.semtech.com
Figure 4-10: Shape-Scan Flow Diagram
Host determines Eye Width and Eye Height by reading from
the following 4 registers:
le = STAT_EYE_SHAPE_LEFT_EDGE_PHASE
re = STAT_EYE_SHAPE_RIGHT_EDGE_PHASE
pe =STAT_EYE_SHAPE_POS_EDGE_OFFSET
ne =STAT_EYE_SHAPE_NEG_EDGE_OFFSET
if pe > ne:
EyeHeight = (256 + ne - pe)
else:
EyeHeight = (ne - pe)
if le > re:
EyeWidtht = (128 + re - le)
else:
EyeWidtht = (re - le)
Host reads scan status from
STAT_EYE_MON_STATUS
Status
1 or 0
Host Resets Eye Scanner for new scan by
setting CTRL_EYE_MON_START = 0
Or power down by setting
CTRL_EYE_MON_POWER_CTRL = 0
3
2
Scan Failed
Reset Eye Scanner
Run Shape Scan
Shape Scan
Complete
Host powers up eye monitor and starts
Shape Scan by setting:
CTRL_EYE_MON_POWER_CTRL = 1
CTRL_EYE_MON_START = 1
Please Note the Following:
- While the Eye Monitor is
powered-up, the Cable Equalizer
input only has partial adaptation
enabled
- Status = STAT_EYE_MON_STATUS
NO
Note: the host can write
CTRL_EYE_MON_POWER_CTRL = 1 and
CTRL_EYE_MON_START = 1 in the
same GSPI write (i.e. at the
same time). It is not necessary to set
the power up first.
Status = 0?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More