Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS3471 Fiches technique(PDF) 21 Page - Semtech Corporation

No de pièce GS3471
Description  3G, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3471 Fiches technique(HTML) 21 Page - Semtech Corporation

Back Button GS3471 Datasheet HTML 17Page - Semtech Corporation GS3471 Datasheet HTML 18Page - Semtech Corporation GS3471 Datasheet HTML 19Page - Semtech Corporation GS3471 Datasheet HTML 20Page - Semtech Corporation GS3471 Datasheet HTML 21Page - Semtech Corporation GS3471 Datasheet HTML 22Page - Semtech Corporation GS3471 Datasheet HTML 23Page - Semtech Corporation GS3471 Datasheet HTML 24Page - Semtech Corporation GS3471 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 179 page
background image
GS3471
Final Data Sheet Rev.4
PDS-060498
September 2017
21 of 179
Semtech
www.semtech.com
4. Detailed Description
4.1 Functional Overview
The GS3471 includes a dual serial digital input buffer with 2x2 MUX, an integrated
retimer, serial data loop through output, robust serial-to-parallel conversion, integrated
SMPTE video processing, and additional processing functions such as audio extraction,
ancillary data extraction, EDH support, and DVB-ASI decoding.
The GS3471 integrates Semtech's Adaptive Cable Equalizer technology, achieving
unprecedented cable lengths and jitter tolerance. The serial digital input buffer with 2x2
MUX offers a lot of flexibility for use in default and various Power-down modes. From
Figure 4-1 below, the top two blocks shown represent input select with loopback, while
the bottom two allow input select with separate loopback select.
Figure 4-1: Flexible Input Loopback
Expanded and configurable Power-down modes offer increased flexibility by selectively
enabling or disabling key features (such as CSR access, PCLK, retimed DDO loop-through
output, and non-retimed DDO loop-through output). Figure 4-2 show the various
Power-down modes.
PCLK
PDATA
Loop-through
of Input 1
DDI
SDI
Deserialized from
Input 1
PCLK
PDATA
Loop-through
of Input 2
DDI
SDI
Deserialized from
Input 2
PCLK
PDATA
Loop-through
of Input 2
DDI
SDI
Deserialized from
Input 1
PCLK
PDATA
Loop-through
of Input 1
DDI
SDI
Deserialized from
Input 2
GS3471
GS3471
GS3471
GS3471
INPUT_CONFIG[3:2]=00b
INPUT_CONFIG[3:2]=01b
INPUT_CONFIG[3:2]=10
INPUT_CONFIG[3:2]=11
b
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More