Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CP43T-RGS-CU0X0EE4 Fiches technique(PDF) 8 Page - Cree, Inc

No de pièce CP43T-RGS-CU0X0EE4
Description  Cree짰 P4 LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CP43T-RGS-CU0X0EE4 Fiches technique(HTML) 8 Page - Cree, Inc

  CP43T-RGS-CU0X0EE4 Datasheet HTML 1Page - Cree, Inc CP43T-RGS-CU0X0EE4 Datasheet HTML 2Page - Cree, Inc CP43T-RGS-CU0X0EE4 Datasheet HTML 3Page - Cree, Inc CP43T-RGS-CU0X0EE4 Datasheet HTML 4Page - Cree, Inc CP43T-RGS-CU0X0EE4 Datasheet HTML 5Page - Cree, Inc CP43T-RGS-CU0X0EE4 Datasheet HTML 6Page - Cree, Inc CP43T-RGS-CU0X0EE4 Datasheet HTML 7Page - Cree, Inc CP43T-RGS-CU0X0EE4 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
8
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
8
Cree P4 LED
CP43T-RGS
PACKAGING
Features:
• The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
• Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation.
• The boxes are not water resistant, and they must be kept away from water and moisture.
• The Tube Pack type of packaging.
• Max 60 pcs per tube.
Hu e
XX
AX XXX XXX XXX X
C OL OR LED LAMP
J OWAXXXXX -XX-XXX
LXXXXXXXX-XXX
LOT
T YPE
xxx xxx
Vf
XX
Iv
X
RANK
QT Y
P CS
R
R



Html Pages

1 2 3 4 5 6 7 8