Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C503T-RAS-CX0A0CC2 Fiches technique(PDF) 4 Page - Cree, Inc

No de pièce C503T-RAS-CX0A0CC2
Description  Cree짰 5-mm Red and Amber Round LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

C503T-RAS-CX0A0CC2 Fiches technique(HTML) 4 Page - Cree, Inc

  C503T-RAS-CX0A0CC2 Datasheet HTML 1Page - Cree, Inc C503T-RAS-CX0A0CC2 Datasheet HTML 2Page - Cree, Inc C503T-RAS-CX0A0CC2 Datasheet HTML 3Page - Cree, Inc C503T-RAS-CX0A0CC2 Datasheet HTML 4Page - Cree, Inc C503T-RAS-CX0A0CC2 Datasheet HTML 5Page - Cree, Inc C503T-RAS-CX0A0CC2 Datasheet HTML 6Page - Cree, Inc C503T-RAS-CX0A0CC2 Datasheet HTML 7Page - Cree, Inc C503T-RAS-CX0A0CC2 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2011 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree 5-mm Round LED
C503T-RAS/RAN
C503T-RCS/RCN/ACS
ORDER CODE TABLE*
Red (15 degree)
Color
Kit Number
Viewing
Angle
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Red
C503T-RAS-CX0A0CC1
15
4180
16800
RC
620
RC
635
Bulk
Yes
Red
C503T-RAN-CX0A0CC1
15
4180
16800
RC
620
RC
635
Bulk
No
Red
C503T-RAS-CX0A0CC2
15
4180
16800
RC
620
RC
635
Ammo
Yes
Red
C503T-RAN-CX0A0CC2
15
4180
16800
RC
620
RC
635
Ammo
No
Red (30 degree)
Color
Kit Number
Viewing
Angle
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Red
C503T-RCS-CV0Y0CC1
30
2130
8200
RC
620
RC
635
Bulk
Yes
Red
C503T-RCN-CV0Y0CC1
30
2130
8200
RC
620
RC
635
Bulk
No
Red
C503T-RCS-CV0Y0CC2
30
2130
8200
RC
620
RC
635
Ammo
Yes
Red
C503T-RCN-CV0Y0CC2
30
2130
8200
RC
620
RC
635
Ammo
No
Amber (30 degree)
Color
Kit Number
Viewing
Angle
Luminous Intensity (mcd)
Dominant Wavelength
Package
Standoff
Min.
Max.
Color
Bin
Min.
(nm)
Color
Bin
Max.
(nm)
Amber
C503T-ACS-CV0X0251
30
2130
5860
A2
584
A5
596
Bulk
Yes
Amber
C503T-ACS-CV0X0351
30
2130
5860
A3
587
A5
596
Bulk
Yes
Amber
C503T-ACS-CV0X0252
30
2130
5860
A2
584
A5
596
Ammo
Yes
Amber
C503T-ACS-CV0X0352
30
2130
5860
A3
587
A5
596
Ammo
Yes
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-bin code and one color-bin code will be shipped on each bulk. Single intensity-bin code and single color-bin
codes will not be orderable.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.



Html Pages

1 2 3 4 5 6 7 8