| Moteur de recherche de fiches techniques de composants électroniques |
|
C5SMB-RJS-CS14QCC2 Fiches technique(PDF) 1 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C5SMB-RJS-CS14QCC2 Fiches technique(HTML) 1 Page - Cree, Inc |
|
1 / 9 page ![]() 1 Subject to change without notice. www.cree.com/ledlamps FEATURES • Size (mm): 5 • Color and Typical Dominant Wavelength (nm): » C5SMB - Red (628) » C5SMA - Red (624) Green (527) Blue (470) • Luminous Intensity (mcd) » C5SMB - Red (390-1520) Green (1100-4180) Blue (200-770) » C5SMA - Red (280-770) • Lead-Free • RoHS-Compliant APPLICATIONS • Electronic Signs & Signals (ESS) • Full-Color Video Screen • Motorway Signs • Variable-Message Sign (VMS) • Advertising Signs • Petrol Signs Cree® Screen Master® 5-mm Oval LED C5SMB-RJS/GJS/BJS C5SMA-RJS Data Sheet ThisovalLEDisspecificallydesignedforvariable-messagesignsandpassenger- informationsigns.Theoval-shapedradiationpatternandhighluminousintensity ensurethatthesedevicesareexcellentforwide-field-of-viewoutdoorapplications where a wide viewing angle and readability in sunlight are essential. Theselampsaremadewithanadvancedoptical-gradeepoxythatofferssuperior high-temperatureandhigh-moisture-resistanceperformanceinoutdoorsignaland sign applications. The encapsulation resin contains anti-UV material in order to reducetheeffectsoflong-termexposuretodirectsunlight. |
Numéro de pièce similaire - C5SMB-RJS-CS14QCC2 |
|
Description similaire - C5SMB-RJS-CS14QCC2 |