| Moteur de recherche de fiches techniques de composants électroniques |
|
C4SMG-RJS-CS14QBB2 Fiches technique(PDF) 1 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMG-RJS-CS14QBB2 Fiches technique(HTML) 1 Page - Cree, Inc |
|
1 / 9 page ![]() 1 Subject to change without notice. www.cree.com/ledlamps FEATURES • Size (mm): 4 • Color and Typical Dominant Wavelength (nm): » Red (621) » Green (527) » Blue (470) • Luminous Intensity (mcd) » Red (550-2130) » Green (1100-4180) » Blue (390-1520) • Lead-Free • RoHS-Compliant APPLICATIONS • Electronic Signs & Signals (ESS) • Full-Color Video Screen • Motorway Signs • Variable-Message Sign (VMS) • Advertising Signs • Petrol Signs Cree® Screen Master® 4-mm Oval LED C4SMG-RJS/GJS/BJS Data Sheet TheovalLEDisspecificallydesignedforvariable-messagesignsandpassenger- informationsigns.Theoval-shapedradiationpatternandhighluminousintensity ensurethatthesedevicesareexcellentforwide-field-of-viewoutdoorapplications where a wide viewing angle and readability in sunlight are essential. Theselampsaremadewithanadvancedoptical-gradeepoxythatofferssuperior high-temperatureandhigh-moisture-resistanceperformanceinoutdoorsignal and sign applications. The encapsulation resin contains anti-UV material in order toreducetheeffectsoflong-termexposuretodirectsunlight. |
Numéro de pièce similaire - C4SMG-RJS-CS14QBB2 |
|
Description similaire - C4SMG-RJS-CS14QBB2 |