Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L604 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce L604
Description  DARLINGTON ARRAYS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L604 Fiches technique(HTML) 3 Page - STMicroelectronics

  L604 Datasheet HTML 1Page - STMicroelectronics L604 Datasheet HTML 2Page - STMicroelectronics L604 Datasheet HTML 3Page - STMicroelectronics L604 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
L603 - L604
DIP18
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b
0.46
0.018
b1
0.25
0.010
D
23.24
0.915
E
8.5
0.335
e
2.54
0.100
e3
20.32
0.800
F
7.1
0.280
I
3.93
0.155
L
3.3
0.130
Z
1.27
1.59
0.050
0.063
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4