Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C4SMB-RGY-CV24QBB1 Fiches technique(PDF) 10 Page - Cree, Inc

No de pièce C4SMB-RGY-CV24QBB1
Description  Cree짰 Screen Master짰 4-mm Oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMB-RGY-CV24QBB1 Fiches technique(HTML) 10 Page - Cree, Inc

Back Button C4SMB-RGY-CV24QBB1 Datasheet HTML 2Page - Cree, Inc C4SMB-RGY-CV24QBB1 Datasheet HTML 3Page - Cree, Inc C4SMB-RGY-CV24QBB1 Datasheet HTML 4Page - Cree, Inc C4SMB-RGY-CV24QBB1 Datasheet HTML 5Page - Cree, Inc C4SMB-RGY-CV24QBB1 Datasheet HTML 6Page - Cree, Inc C4SMB-RGY-CV24QBB1 Datasheet HTML 7Page - Cree, Inc C4SMB-RGY-CV24QBB1 Datasheet HTML 8Page - Cree, Inc C4SMB-RGY-CV24QBB1 Datasheet HTML 9Page - Cree, Inc C4SMB-RGY-CV24QBB1 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
10
Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
10
Cree 4-mm Oval LED
C4SMB-RGY/GGY/BGY
PACKAGING
Features:
•
The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
•
Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation.
•
The boxes are not water resistant, and they must be kept away from water and moisture.
•
The Bulk Pack types of packaging.
•
Max 1000 pcs per bulk and Max 3000 pcs per ammo.
Bulk Pack Packaging Type:
Ammo Pack Packaging Type:
10 bags/carton
Label


A XXXXXXXXXXX
(anti-electrostatic
bag)






xxx xxx











Html Pages

1 2 3 4 5 6 7 8 9 10