Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C4SMR-RJY Fiches technique(PDF) 4 Page - Cree, Inc

No de pièce C4SMR-RJY
Description  Cree짰 Screen Master짰 4-mm Oval LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMR-RJY Fiches technique(HTML) 4 Page - Cree, Inc

  C4SMR-RJY Datasheet HTML 1Page - Cree, Inc C4SMR-RJY Datasheet HTML 2Page - Cree, Inc C4SMR-RJY Datasheet HTML 3Page - Cree, Inc C4SMR-RJY Datasheet HTML 4Page - Cree, Inc C4SMR-RJY Datasheet HTML 5Page - Cree, Inc C4SMR-RJY Datasheet HTML 6Page - Cree, Inc C4SMR-RJY Datasheet HTML 7Page - Cree, Inc C4SMR-RJY Datasheet HTML 8Page - Cree, Inc C4SMR-RJY Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree 4-mm Oval LED
C4SMR-RJF/GJF/BJF
ORDER CODE TABLE*
C4SMR-RJY
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Red
C4SMR-RJY-CS2U1BB1
852
1672
RB
619
RB
624
Bulk
Red
C4SMR-RJY-CS24QBB1
Any 4 consecutive sub-bins: S2(852) - T3(1415)
RB
619
RB
624
Bulk
Red
C4SMR-RJY-CS34QBB1
Any 4 consecutive sub-bins: S3(934) - T4(1520)
RB
619
RB
624
Bulk
Red
C4SMR-RJY-CS2U1BB2
852
1672
RB
619
RB
624
Ammo
Red
C4SMR-RJY-CS24QBB2
Any 4 consecutive sub-bins: S2(852) - T3(1415)
RB
619
RB
624
Ammo
Red
C4SMR-RJY-CS34QBB2
Any 4 consecutive sub-bins: S3(934) - T4(1520)
RB
619
RB
624
Ammo
C4SMR-GJY
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Green C4SMR-GJY-CU2W17a1
1672
3295
G7
520
Ga
540
Bulk
Green C4SMR-GJY-CU24Q7D1
Any 4 consecutive sub-bins: U2(1672) - V3(2781)
Any 1 color bin from G7 (520) to Ga (540)
Bulk
Green C4SMR-GJY-CU34Q7D1
Any 4 consecutive sub-bins: U3(1824) - V4(3000)
Any 1 color bin from G7 (520) to Ga (540)
Bulk
Green C4SMR-GJY-CU2W17a2
1672
3295
G7
520
Ga
540
Ammo
Green C4SMR-GJY-CU24Q7D2
Any 4 consecutive sub-bins: U2(1672) - V3(2781)
Any 1 color bin from G7 (520) to Ga (540)
Ammo
Green C4SMR-GJY-CU34Q7D2
Any 4 consecutive sub-bins: U3(1824) - V4(3000)
Any 1 color bin from G7 (520) to Ga (540)
Ammo
C4SMR-BJY
Color
Kit Number
Luminous Intensity (mcd)
Dominant Wavelength
Pack-
age
Min.
Max.
Color Bin
Min.
(nm)
Color Bin
Max.
(nm)
Blue
C4SMR-BJY-CP2R1351
308
605
B3
460
B5
475
Bulk
Blue
C4SMR-BJY-CP24Q3C1
Any 4 consecutive sub-bins: P2(308) - Q3(510)
Any 1 color bin from B3 (460) to B5 (475)
Bulk
Blue
C4SMR-BJY-CP34Q3C1
Any 4 consecutive sub-bins: P3(336) - Q4(550)
Any 1 color bin from B3 (460) to B5 (475)
Bulk
Blue
C4SMR-BJY-CP2R1352
308
605
B3
460
B5
475
Ammo
Blue
C4SMR-BJY-CP24Q3C2
Any 4 consecutive sub-bins: P2(308) - Q3(510)
Any 1 color bin from B3 (460) to B5 (475)
Ammo
Blue
C4SMR-BJY-CP34Q3C2
Any 4 consecutive sub-bins: P3(336) - Q4(550)
Any 1 color bin from B3 (460) to B5 (475)
Ammo
Notes:
1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one
intensity-sub-bin code and one color-bin code will be shipped on each reel. Selected single intensity-bin, single
color-bin codes will be orderable in certain quantities. For example, any 1 Intensity bins from U3 to V4 mean only
one intensity bin with six sub-bins of the following brightness ranges (U3-V4) will be shipped by Cree. For example,
any one-color bin from G7 to Ga means only one color bin (G7 or G23 or G8 or G45 or G9 or G67 or Ga) will be
shipped by Cree.
2. Please refer to the “Cree LED Lamp Reliability Test Standards” document #1 for reliability test conditions.
3. Please refer to the “Cree LED Lamp Soldering & Handling” document #2 for information about how to use this LED
product safely.
#1: Refer to http://www.cree.com/led-components/media/documents/LED_Lamp_Reliability_Test_Standard.pdf
#2: Refer to http://www.cree.com/led-components/media/documents/sh-HB.pdf



Html Pages

1 2 3 4 5 6 7 8 9