| Moteur de recherche de fiches techniques de composants électroniques |
|
C4SMM-RJY Fiches technique(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMM-RJY Fiches technique(HTML) 4 Page - Cree, Inc |
|
4 / 9 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 4 Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 Cree 4-mm Oval LED C4SMM-RJY/GJY/BJY ORDER CODE TABLE* C4SMM-RJY Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C4SMM-RJY-CR4T3BB1 715 1415 RB 619 RB 624 Bulk Red C4SMM-RJY-CS14QBB1 Any 4 consecutive sub-bins: S1(770) - T2(1310) RB 619 RB 624 Bulk Red C4SMM-RJY-CS24QBB1 Any 4 consecutive sub-bins: S2(852) - T3(1415) RB 619 RB 624 Bulk Red C4SMM-RJY-CR4T3BB2 715 1415 RB 619 RB 624 Ammo Red C4SMM-RJY-CS14QBB2 Any 4 consecutive sub-bins: S1(770) - T2(1310) RB 619 RB 624 Ammo Red C4SMM-RJY-CS24QBB2 Any 4 consecutive sub-bins: S2(852) - T3(1415) RB 619 RB 624 Ammo C4SMM-GJY Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Green C4SMM-GJY-CT2V17a1 1205 2347 G7 520 Ga 540 Bulk Green C4SMM-GJY-CT34Q7D1 Any 4 consecutive sub-bins: T3(1310) - U4(2130) Any 1 color bin from G7 (520) to Ga (540) Bulk Green C4SMM-GJY-CT44Q7D1 Any 4 consecutive sub-bins: T4(1415) - V1(2347) Any 1 color bin from G7 (520) to Ga (540) Bulk Green C4SMM-GJY-CT2V17a2 1205 2347 G7 520 Ga 540 Ammo Green C4SMM-GJY-CT34Q7D2 Any 4 consecutive sub-bins: T3(1310) - U4(2130) Any 1 color bin from G7 (520) to Ga (540) Ammo Green C4SMM-GJY-CT44Q7D2 Any 4 consecutive sub-bins: T4(1415) - V1(2347) Any 1 color bin from G7 (520) to Ga (540) Ammo C4SMM-BJY Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Blue C4SMM-BJY-CN3Q2351 240 470 B3 460 B5 475 Bulk Blue C4SMM-BJY-CN44Q3C1 Any 4 consecutive sub-bins: N4(260) - Q1(430) Any 1 color bin from B3 (460) to B5 (475) Bulk Blue C4SMM-BJY-CP14Q3C1 Any 4 consecutive sub-bins: P1(280) - Q2(470) Any 1 color bin from B3 (460) to B5 (475) Bulk Blue C4SMM-BJY-CN3Q2352 240 470 B3 460 B5 475 Ammo Blue C4SMM-BJY-CN44Q3C2 Any 4 consecutive sub-bins: N4(260) - Q1(430) Any 1 color bin from B3 (460) to B5 (475) Ammo Blue C4SMM-BJY-CP14Q3C2 Any 4 consecutive sub-bins: P1(280) - Q2(470) Any 1 color bin from B3 (460) to B5 (475) Ammo Notes: 1. The above kit numbers represent order codes that include multiple intensity-bin and color-bin codes. Only one intensity-sub-bin code and one color-bin code will be shipped on each reel. Selected single intensity-bin, single color-bin codes will be orderable in certain quantities. For example, any four consecutive sub-bins from T3 to U4 mean only one intensity bin with four sub-bins of the following brightness ranges (T3-U2,T4-U3,U1-U4) will be shipped by Cree. For example, any one-color bin from G7 to Ga means only one color bin (G7 or G23 or G8 or G45 or G9 or G67 or Ga) will be shipped by Cree. 2. Please refer to the “Cree LED Lamp Reliability Test Standards” document #1 for reliability test conditions. 3. Please refer to the “Cree LED Lamp Soldering & Handling” document #2 for information about how to use this LED product safely. #1: Refer to http://www.cree.com/led-components/media/documents/LED_Lamp_Reliability_Test_Standard.pdf #2: Refer to http://www.cree.com/led-components/media/documents/sh-HB.pdf |