| Moteur de recherche de fiches techniques de composants électroniques |
|
C4SMB-RGY Fiches technique(PDF) 4 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
C4SMB-RGY Fiches technique(HTML) 4 Page - Cree, Inc |
|
4 / 10 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 4 Copyright © 2019 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc. 4 Cree 4-mm Oval LED C4SMB-RGY/GGY/BGY ORDER CODE TABLE* C4SMB-RGY Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Red C4SMB-RGY-CU4X1BB1 1976 4600 RB 619 RB 624 Bulk Red C4SMB-RGY-CV14QBB1 Any 4 consecutive sub-bins: V1(2130) - W2(3590) RB 619 RB 624 Bulk Red C4SMB-RGY-CV24QBB1 Any 4 consecutive sub-bins: V2(2347) - W3(3885) RB 619 RB 624 Bulk Red C4SMB-RGY-CU4X1BB2 1976 4600 RB 619 RB 624 Ammo Red C4SMB-RGY-CV14QBB2 Any 4 consecutive sub-bins: V1(2130) - W2(3590) RB 619 RB 624 Ammo Red C4SMB-RGY-CV24QBB2 Any 4 consecutive sub-bins: V2(2347) - W3(3885) RB 619 RB 624 Ammo C4SMB-GGY Color Kit Number Luminous Intensity (mcd) Dominant Wavelength Pack- age Min. Max. Color Bin Min. (nm) Color Bin Max. (nm) Green C4SMB-GGY-CX3Z47a1 5020 12000 G7 520 Ga 540 Bulk Green C4SMB-GGY-CX44Q7D1 Any 4 consecutive sub-bins: X4(5440) - Z1(9150) Any 1 color bin from G7 (520) to Ga (540) Bulk Green C4SMB-GGY-CX44Q7S1 Any 4 consecutive sub-bins: X4(5440) - Z1(9150) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMB-GGY-CX44Q8C1 Any 4 consecutive sub-bins: X4(5440) - Z1(9150) Any 1 color bin from G8 (525) to Ga (540) Bulk Green C4SMB-GGY-CY14Q7D1 Any 4 consecutive sub-bins: Y1(5860) - Z2(10100) Any 1 color bin from G7 (520) to Ga (540) Bulk Green C4SMB-GGY-CY14Q7S1 Any 4 consecutive sub-bins: Y1(5860) - Z2(10100) Any 1 color bin from G7 (520) to G8 (530) Bulk Green C4SMB-GGY-CY14Q8C1 Any 4 consecutive sub-bins: Y1(5860) - Z2(10100) Any 1 color bin from G8 (525) to Ga (540) Bulk Green C4SMB-GGY-CX3Z47a2 5020 12000 G7 520 Ga 540 Ammo Green C4SMB-GGY-CX44Q7D2 Any 4 consecutive sub-bins: X4(5440) - Z1(9150) Any 1 color bin from G7 (520) to Ga (540) Ammo Green C4SMB-GGY-CX44Q7S2 Any 4 consecutive sub-bins: X4(5440) - Z1(9150) Any 1 color bin from G7 (520) to G8 (530) Ammo Green C4SMB-GGY-CX44Q8C2 Any 4 consecutive sub-bins: X4(5440) - Z1(9150) Any 1 color bin from G8 (525) to Ga (540) Ammo Green C4SMB-GGY-CY14Q7D2 Any 4 consecutive sub-bins: Y1(5860) - Z2(10100) Any 1 color bin from G7 (520) to Ga (540) Ammo Green C4SMB-GGY-CY14Q7S2 Any 4 consecutive sub-bins: Y1(5860) - Z2(10100) Any 1 color bin from G7 (520) to G8 (530) Ammo Green C4SMB-GGY-CY14Q8C2 Any 4 consecutive sub-bins: Y1(5860) - Z2(10100) Any 1 color bin from G8 (525) to Ga (540) Ammo |