Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP4001SL Fiches technique(PDF) 7 Page - Interpion semiconductor

No de pièce IP4001SL
Description  5-CH MOTOR DRIVEIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERPION [Interpion semiconductor]
Site Internet  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP4001SL Fiches technique(HTML) 7 Page - Interpion semiconductor

Back Button IP4001SL Datasheet HTML 3Page - Interpion semiconductor IP4001SL Datasheet HTML 4Page - Interpion semiconductor IP4001SL Datasheet HTML 5Page - Interpion semiconductor IP4001SL Datasheet HTML 6Page - Interpion semiconductor IP4001SL Datasheet HTML 7Page - Interpion semiconductor IP4001SL Datasheet HTML 8Page - Interpion semiconductor IP4001SL Datasheet HTML 9Page - Interpion semiconductor IP4001SL Datasheet HTML 10Page - Interpion semiconductor IP4001SL Datasheet HTML 11Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
- 7 -
Nov. 2004 (Rev. 1)
www.interpionsemi.com
IP4001S
5-CH MOTOR DRIVE IC
APPLICATION SUMMARY (Continued)
- Regulator part
Fig. 4. Regulator
As we can see in Fig. 4, the power transistor of the regulator is internally provided in IP4001S, thus the
external power transistor is not needed. Since the regulator output (typical 5V) is provided by the npn
transistor, the relatively small capacitor (e.g. 103) is sufficient for eliminating the output ripple or noise voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16