Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

82801E Fiches technique(PDF) 13 Page - Intel Corporation

No de pièce 82801E
Description  Intel 82801E Communications I/O Controller Hub (C-ICH)
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

82801E Fiches technique(HTML) 13 Page - Intel Corporation

Back Button 82801E Datasheet HTML 9Page - Intel Corporation 82801E Datasheet HTML 10Page - Intel Corporation 82801E Datasheet HTML 11Page - Intel Corporation 82801E Datasheet HTML 12Page - Intel Corporation 82801E Datasheet HTML 13Page - Intel Corporation 82801E Datasheet HTML 14Page - Intel Corporation 82801E Datasheet HTML 15Page - Intel Corporation 82801E Datasheet HTML 16Page - Intel Corporation 82801E Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
Intel® 82801E C-ICH
Advance Information Datasheet
13
D19
SIU0_TXD
D20
LAN1_TXD[2]
D21
EE1_DOUT
D22
VSS
D23
LAN0_RSTSYNC
E1
AD[0]
E2
Vcc1_8
E3
AD[9]
E4
TRDY#
E5
VSS
E6
Vcc3_3
E7
VSS
E8
GNT[2]#
E9
REQ[2]#
E10
PIRQ[F]#
E11
PIRQ[G]#/GPIO[4]
E12
LAD[2]/FWH[2]
E13
SIU_LCLK
E14
SIU_LAD[3]
E15
VSS
E16
SIU0_RTS#
E17
SIU0_RXD
E18
Vcc3_3
E19
VSS
E20
EE1_SHCLK
E21
EE0_DIN
E22
LAN0_RXD[2]
E23
LAN0_TXD[2]
F1
AD[7]
F2
AD[10]
F3
AD[6]
F4
C/BE[0]#
F5
AD[11]
F6
Vcc3_3
F7
Vcc3_3
F8
Vcc1_8
F9
Vcc1_8
F10
Vcc1_8
F14
Vcc1_8
F15
Vcc3_3
F16
Vcc3_3
F17
Vcc3_3
F18
Vcc3_3
F19
EE1_CS
Table 4.
Ball List By Number
Ball Number
Signal Name
F20
EE0_CS
F21
Vcc1_8
F22
LAN0_CLK
F23
Vcc1_8
G1
SERR#
G2
AD[12]
G3
VSS
G4
AD[3]
G5
AD[2]
G6
Vcc3_3
G18
Vcc3_3
G19
EE1_DIN
G20
EE0_DOUT
G21
LAN0_TXD[1]
G22
VSS
G23
LAN0_RXD[1]
H1
C/BE[1]#
H2
AD[14]
H3
AD[8]
H4
AD[1]
H5
AD[5]
H6
Vcc3_3
H18
Vcc3_3
H19
LAN1_RXD[1]
H20
LAN0_RXD[0]
H21
LAN0_TXD[0]
H22
Vcc1_8
H23
VSS
J1
VSS
J2
C/BE[2]#
J3
DEVSEL#
J4
PERR#
J5
VSS
J6
Vcc3_3
J18
Vcc1_8
J19
VSS
J20
VSS
J21
VSS
J22
VSS
J23
CLK66 (HLCLK)
K1
AD[23]
K2
AD[19]
K3
AD[17]
K4
IRDY#
Table 4.
Ball List By Number
Ball Number
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84