Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSSPSI Fiches technique(PDF) 14 Page - Mixed Signal Integration

No de pièce MSSPSI
Description  Smart Programmable Sensor Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSI [Mixed Signal Integration]
Site Internet  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSSPSI Fiches technique(HTML) 14 Page - Mixed Signal Integration

Back Button MSSPSI Datasheet HTML 8Page - Mixed Signal Integration MSSPSI Datasheet HTML 9Page - Mixed Signal Integration MSSPSI Datasheet HTML 10Page - Mixed Signal Integration MSSPSI Datasheet HTML 11Page - Mixed Signal Integration MSSPSI Datasheet HTML 12Page - Mixed Signal Integration MSSPSI Datasheet HTML 13Page - Mixed Signal Integration MSSPSI Datasheet HTML 14Page - Mixed Signal Integration MSSPSI Datasheet HTML 15Page - Mixed Signal Integration MSSPSI Datasheet HTML 16Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
© 2004-2
2014 Mixeed Signal Inteegratioon
14
Weeb Sitee ““www.mix-ssig.coom””
07/2014
Smart Programmable Sensor Interface
Data Sheet
Watchdog Timer Operation
The MSSPSI watchdog timer times to 18 hours
from 2.3 seconds in 1 second increments.
The
watchdog timer is activated with bit 12 of
Address
Nibble 0110 (0x06).
The timer is first
deactivated ( bit 12 is set) then activated (bit 12
is reset) to start the timer.
CMRR
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
FREQUENCY (Hz)
FIGURE 7: INPUT AMPLIFIER COMMON MODE REJECTION RATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16