Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSFS4S Fiches technique(PDF) 6 Page - Mixed Signal Integration

No de pièce MSFS4S
Description  Selectable Lowpass/Bandpass Filter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSI [Mixed Signal Integration]
Site Internet  https://www.mix-sig.com
Logo MSI - Mixed Signal Integration

MSFS4S Fiches technique(HTML) 6 Page - Mixed Signal Integration

  MSFS4S Datasheet HTML 1Page - Mixed Signal Integration MSFS4S Datasheet HTML 2Page - Mixed Signal Integration MSFS4S Datasheet HTML 3Page - Mixed Signal Integration MSFS4S Datasheet HTML 4Page - Mixed Signal Integration MSFS4S Datasheet HTML 5Page - Mixed Signal Integration MSFS4S Datasheet HTML 6Page - Mixed Signal Integration MSFS4S Datasheet HTML 7Page - Mixed Signal Integration MSFS4S Datasheet HTML 8Page - Mixed Signal Integration  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Selectable Lowpass/Bandpass Filter
Data Sheet
03/2001
Web Site “www.mix-sig.com”
© 2001 Mixed Signal Integration 6
BU_BE_EL_FL_3_6
2.5V
VDD
C1
100nF
FILTER_OUTPUT
LOWPASS_BANDPASS
C2
100nF
FILTER_INPUT
-2.5V
VSS
P2V5_N2V5_300kHz
U1
MSFS1_3_5_6
FSEL
OUT
TYPE
CLK
IN
GND
VSS
VDD
Typical Application-Dual Supply Operation



Html Pages

1 2 3 4 5 6 7 8