Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCL71C03ACPL Fiches technique(PDF) 19 Page - Intersil Corporation

No de pièce LCL71C03ACPL
Description  Precision 4 1/2 Digit, A/D Converter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

LCL71C03ACPL Fiches technique(HTML) 19 Page - Intersil Corporation

Back Button LCL71C03ACPL Datasheet HTML 11Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 12Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 13Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 14Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 15Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 16Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 17Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 18Page - Intersil Corporation LCL71C03ACPL Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
3-52
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
ICL71C03 with ICL8052/8068 Integrating A/D Converter Equations
The ICL71C03 does not have an internal crystal or RC
oscillator. It has a clock input only.
Integration Period
Integration Clock Period
tCLOCK = 1/fCLOCK
60/50Hz Rejection Criterion
tINT/t60Hz or tINT/t50Hz = Integer
Optimum Integration Current
IINT = 20µA
Full Scale Analog Input Voltage
VINFS (Typ) = 200mV to 2.0V = 2VREF
Integrate Resistor
Integrate Capacitor
Integrator Output Voltage
VINT (Typ) = 9V
Output Count
NOTE: The 41/2 digit mode’s LSD will be output as a zero in the 3
1/
2
digit mode.
Output Type:
4 Nibbles BCD with Polarity and Over-range.
Power Supply:
±15V, +5V
V++ = +15V
V- = -15V
V+ = +5V
VREF ≅ 1.75V
If VREF not used, float output pin.
Auto Zero Capacitor Values
0.01
µF < CAZ < 1µF
Reference Capacitor Value
CREF = (Buffer Gain) x CAZ
t
INT
10 000
,
f
CLOCK
---------------------
4-1/2 Digit
()
=
t
INT
1 000
,
f
CLOCK
---------------------
3-1/2 Digit
()
=
R
INT
Buffe rGain
() V
INFS
×
I
INT
-------------------------------------------------------------
=
C
INT
t
INT
() I
INT
()
V
INT
--------------------------------
=
V
INT
t
INT
() I
INT
()
C
INT
--------------------------------
=
Count
10 000
,
V
IN
V
REF
---------------
×
(4-1/2 Digit)
=
Count
1 000
,
V
IN
V
REF
---------------
×
(3-1/2 Digit)
=
FIGURE 20. INTEGRATOR OUTPUT
AUTO ZERO
(COUNTS)
30,001 - 10,001
3,001 - 1,001
INTEGRATE
(FIXED COUNT)
10,000
1,000
DEINTEGRATE
(COUNTS)
1 - 20,001
1 - 2,001
(41/2 DIGIT)
(31/2 DIGIT)
TOTAL CONVERSION TIME (tCONV)
tCONV = 40,002 * tCLOCK (4
1/
2 DIGIT MODE)
tCONV = 4,002 * tCLOCK (3
1/
2 DIGIT MODE)
(IN CONTINUOUS MODE)
ICL8052/ICL71C03, ICL8068/ICL71C03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com