Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M28W640FST70ZA1E Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce M28W640FST70ZA1E
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Boot Block, Secure Flash Memories
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FST70ZA1E Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button M28W640FST70ZA1E Datasheet HTML 28Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 29Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 30Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 31Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 32Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 33Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 34Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 35Page - STMicroelectronics M28W640FST70ZA1E Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
M28W320FST, M28W320FSB, M28W640FST, M28W640FSB
32/55
Table 20. Daisy Chain Ordering Scheme
Note:Devices are shipped from the factory with the memory content bits erased to ’1’. For a list of available
options (Speed, Package, etc.) or for further information on any aspect of this device, please contact
the ST Sales Office nearest to you.
Example:
M28W640FS
-ZA
T
Device Type
M28W640FS
M28W320FS
Daisy Chain
-ZA = TBGA64: 10 x 13, 1mm pitch
Option
Blank = Standard Packing
T = Tape & Reel Packing
E = ECOPACK Package, Standard Packing
F = ECOPACK Package, Tape & Reel 24mm Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55