| Moteur de recherche de fiches techniques de composants électroniques |
|
M28W640FST70ZA6T Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M28W640FST70ZA6T Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 55 page ![]() 5/55 M28W320FST, M28W320FSB, M28W640FST, M28W640FSB SUMMARY DESCRIPTION The M28W320FS and M28W640FS are 32 Mbit (2Mbit x 16) and 64 Mbit (4Mbit x 16) Secure Flash memories. The devices can be erased electrically at block level and programmed in-system on a Word-by-Word basis using a 2.7V to 3.6V VDD supply for the circuitry and a 1.65V to 3.6V VDDQ supply for the Input/Output pins. An optional 12V VPP power supply is provided to speed up custom- er programming. The M28W320FS and M28W640FS feature 32Mbit and 64 Mbits respectively and have an asymmetrical block architecture with 4 KWord Pa- rameter Blocks and 32 KWord Main Blocks. The M28W320FST and M28W640FST have the Pa- rameter Blocks at the top of the memory address space while the M28W320FSB and M28W640FSB locate the Parameter Blocks start- ing from the bottom. Refer to Table 1., Figure 5. and Figure 6. for a detailed description of the de- vices memory architecture and map. All devices are equipped with hardware and soft- ware block protection features to avoid unwanted program/erase (modify) or read of the Flash mem- ory content: ■ Hardware Protection: – When VPP ≤VPPLK all blocks are protected against program or erase. ■ Software Protection thanks to KRYPTO Security Features: – Modify Protection: volatile and non- volatile. – Read Protection. The KRYPTO Security features are described in a dedicated Application Note. Please contact STMi- croelectronics for further details. Two registers are available for protection purpose: ■ The Protection Register ■ The KRYPTO Protection Register. The Protection Register is a 192 bit Protection Register to increase the protection of a system de- sign. The Protection Register is divided into a 64 bit segment and a 128 bit segment. The 64 bit seg- ment contains a unique device number written by ST, while the second one is one-time-programma- ble by the user. The user programmable segment can be permanently protected. Figure 7., shows the Protection Register Memory Map. The KRYPTO Protection Register is used to man- age the Modify and Read protection modes. It also features a Device Authentication mechanism. The KRYPTO Protection Register is described in a dedicated Application Note. Please contact STMi- croelectronics for further details. Each block can be erased separately. Erase can be suspended in order to perform either read or program in any other block and then resumed. Program can be suspended to read data in any other block and then resumed. Each block can be programmed and erased over 100,000 cycles. Program and Erase commands are written to the Command Interface of the memory. An on-chip Program/Erase Controller takes care of the tim- ings necessary for program and erase operations. The end of a program or erase operation can be detected and any error conditions identified. The command set required to control the memory is consistent with JEDEC standards. All the devices are offered in a TBGA64 (10 x 13mm) package. In order to meet environmental requirements, ST offers the M28W320FS and M28W640FS in ECO- PACK® packages. ECOPACK packages are Lead-free. The category of second Level Intercon- nect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to solder- ing conditions are also marked on the inner box la- bel. ECOPACK is an ST trademark. ECOPACK speci- fications are available at: www.st.com. All devices are supplied with all the bits erased (set to ’1’). Table 1. M28W320FS and M28W640FS Memory Architecture Note: 1. Erasable Block size. Device Parameter Blocks Main Blocks No. of Blocks Block Size(1) No. of Blocks Block Size M28W320FS 8 4 KWords 63 32 KWords M28W640FS 8 4 KWords 127 32 KWords |