Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMF50N03JS Fiches technique(PDF) 5 Page - Excelliance MOS Corp.

No de pièce EMF50N03JS
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXCELLIANCE [Excelliance MOS Corp.]
Site Internet  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMF50N03JS Fiches technique(HTML) 5 Page - Excelliance MOS Corp.

  EMF50N03JS Datasheet HTML 1Page - Excelliance MOS Corp. EMF50N03JS Datasheet HTML 2Page - Excelliance MOS Corp. EMF50N03JS Datasheet HTML 3Page - Excelliance MOS Corp. EMF50N03JS Datasheet HTML 4Page - Excelliance MOS Corp. EMF50N03JS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
 
2015/10/19 
p.5 
EMF50N03JS
D
e1
e
b
C
A1
Ordering & Marking Information: 
Device Name: EMF50N03JS for SOT‐23 
 
 
 
 
 
 
Outline Drawing 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Dimension in mm
 
Dimension 
A 
A1 
b 
C 
D 
E 
E1 
e 
e1 
F 
G 
L1 
Min. 
0.70 
0 
0.3 
0.08 
2.80 
2.25
1.2 
0.90
 
0.80
0.3 
0.50
Typ. 
    
2.90  
 
0.95
1.9 
   
Max. 
1.15 
0.1 
0.5 
0.20 
3.02 
3.00
1.7 
1.00
 
1.25
0.6 
0.75
Footprint 
 
 
 
 
 
 
17: Device Code, 17 for EMF50N03JS 
ABC: Date Code 



Html Pages

1 2 3 4 5